Part Number Hot Search : 
LT100 FAN8702 1N5238 13003D 2SC5140 KBP01 LT100 LT100
Product Description
Full Text Search
 

To Download ACT9214 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  please specify refer to test circuit on page 3 * inclusive of 25c tolerance, operating temperature stability, vdd, output load, first year aging, shock and vibration standard frequencies mhz 12khz to 20mhz please specify please specify 106.25 156.25 within 0.5ppm of fo & power to 90% final amplitude others available please enquire oe low enable voltage low venl 0.3vdd max standby current isb 10 a max output enable function pin 1 enable voltage high venh 0.7vdd min 155.52 the ACT9214 lvds oscillator is a miniature low profile device allowing for frequencies up to 350.0mhz to be available in a 7x5 mm smd package. the metal lid is grounded through the ceramic package and the pads are gold plated. this device is particularly suited to communications / networking applications and also to many other applications where a low voltage lvds output is required. only 7x5mm this device is particularly popular where board space dictates small size and / or automatic assembly is a requirement. the devices are available loose or taped and reeled to suit both low and higher volume requirements. temp operating range temp storage range output level ?1? duty cycle output level ?0? supply voltage supply current (max) -20 ~ +70c standard aging in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice specification please note that all parameters can not necessarily be specified in the same device vol c us t omer t o spec if y : f requency, vdd , f requency st a bilit y, o pera ti ng t empera t ure r ange symbol parameter 50% 10% 125.00 tw/t output load start-up time rise & fall time (max) ta 25c phase jitter fo f/fo frequency range frequency stability top tstg vdd iop 3.3v (2.375v min) 2.5v (3.465v max) 99ma (85ma typical) condition specification 40 ~ 350mhz 20 ~ 100ppm max * -55 ~ +125c 100 5ms max 3.0 ppm/yr max 1.43v typical iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com fa tr/tf n/cl voh 187.50 212.50 tj tosc ACT9214 lvds oscillator 1.0ps tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com 2.0ns max 1.1v typical issue : 1 t6 date :16/08/05 lead free - rohs comp. pad surface plating au 0.7- 1.2um page 1 of 3
maximum re-flow conditions iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com ACT9214 tape and reel dimensions (mm) in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice issue : 1 t6 date :16/08/05 page 2 of 3
tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com ACT9214 test circuit and waveform in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com issue : 1 t6 date :16/08/05 page 3 of 3


▲Up To Search▲   

 
Price & Availability of ACT9214

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X